Part Number Hot Search : 
Q8008DH4 JHV368 XXXXYC 74AHC86 16011 C1008 ST72F325 C1008
Product Description
Full Text Search
 

To Download AP2306CGN-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet capable of 2.5v gate drive bv dss 20v lower on-resistance r ds(on) 30m surface mount package i d 5.5a rohs compliant description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 90 /w data and specifications subject to change without notice thermal data parameter storage temperature range total power dissipation 1.38 -55 to 150 operating junction temperature range -55 to 150 continuous drain current 3 , v gs @ 4.5v 4.4 pulsed drain current 1 20 gate-source voltage + 12 continuous drain current 3 , v gs @ 4.5v 5.5 parameter rating drain-source voltage 20 1 AP2306CGN-HF 200904271 halogen-free product g d s d g s sot-23 advanced power mosfets utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost-effectiveness device. the sot-23 package is widely used for all commercial-industrial applications.
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 20 - - v r ds(on) static drain-source on-resistance 2 v gs =4.5v, i d =5 - - 30 m ? v gs =2.5v, i d =2.5a - - 45 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 0.3 - 1.2 v g fs forward transconductance v ds =5v, i d =5a - 18 - s i dss drain-source leakage current v ds =20v, v gs =0v - - 1 ua i gss gate-source leakage v gs = + 12v, v ds =0v - - + 100 na q g total gate charge 2 i d =5a - 11 18 nc q gs gate-source charge v ds =16v - 1.2 - nc q gd gate-drain ("miller") charge v gs =4.5v - 4.4 - nc t d(on) turn-on delay time 2 v ds =10v - 6 - ns t r rise time i d =1a - 11 - ns t d(off) turn-off delay time r g =3.3 , v gs =10v - 25 - ns t f fall time r d =10 -4- ns c iss input capacitance v gs =0v - 610 980 pf c oss output capacitance v ds =20v - 90 - pf c rss reverse transfer capacitance f=1.0mhz - 80 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =1.2a, v gs =0v - - 1.2 v trr reverse recovery time 2 i s =5a, v gs =0v, - 20 - ns qrr reverse recovery charge di/dt=100a/s - 13 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board ; 270 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP2306CGN-HF
a p2306cgn-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 4 8 12 16 20 01234567 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 o c 5.0v 4.5v 3.5v 2.5v v g =2.0v 0 4 8 12 16 20 012345678 v ds , drain-to-source voltage (v) i d , drain current (a) t a =150 o c 5.0v 4.5v 3.5v 2.5v v g =2.0v 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c ) normalized v gs(th) (v) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) v g =4.5v i d =5a 20 22 24 26 28 30 32 0246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =5a t a =25 o c
AP2306CGN-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 0 1 2 3 4 5 6 7 8 9 024681012141618 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =10v v ds =12v v ds =16v i d =5a 0 200 400 600 800 1000 1 5 9 13172125 v ds , drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a t t rthja = 270 /w 0.02 q v g 4.5v q gs q gd q g charge t d(on) t r t d(off) t f v ds v gs 10% 90%


▲Up To Search▲   

 
Price & Availability of AP2306CGN-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X